Part Number Hot Search : 
F10JZ47 CMMR110 NV23K PZU11B1 TL072CD WFP10N60 STC403F BAS70
Product Description
Full Text Search
 

To Download CEPC105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general power transformer < smd type: cepc series> type: CEPC105 (c8211) please refer to the sales offices on our website for a representative near you www.sumida.com 1/3 ?? description ?e upgraded version of c8100. ?e low leakage inductance ?e low d.c.r. ?e low profile. ?e core material: ferrite. ?e custom design is available. ?? feature ?e max. operating frequency: 1mhz. ?e max. operating power: 5.0watt(at 500khz) ?e storage temperature range: -40 ?? ~+105 ?? . ?e operating temperature range: -40 ?? ~+105 ?? (including coil?s self-heat). ?e product weight: 1.45g(ref.). ?e ideally used in portable equipment, voip, lcd tv, video camera etc. ?e rohs compliance. ?? dimensions (mm) ?? schematics (bottom) ?? land pattern (mm) ? ? indicates polarity. dot indicates pin 1 6.3 max. 11.5 max. 10.0 max. 1 4 5 8 metal clip 6-2.54 0.5 10.5 12.2 ? 0.5 1.2 2.54 10.8 1.9 4 5 3 pri sec 8 2 7 1
general power transformer < smd type: cepc series> type: CEPC105 (c8211) please refer to the sales offices on our website for a representative near you www.sumida.com 2/3 ?? specification (part no. c8211 ) item specification measuring conditions inductance (3-4) 3.38 | h max. 100khz/ 0.1v, 0a inductance (3-4) 2.7 | h min. 100khz/ 0.1v, 6a (for 0.25 sec.) leakage inductance (3-4) 0.1 | h max. 100khz, 0.1v tie (1+2+7+8) d.c.r (1-8) 380m |? max. d.c.r (3-4) 100m |? max. d.c.r (8-2) 400m |? max. d.c.r (2-7) 450m |? max. hi-pot (3,4,5)-(1,2,7,8) ac 500vrms 1ma, 1s, 50/60hz hi-pot (1,2,3,4,5,7,8)-core ac 500vrms 1ma, 1s, 50/60hz turns ratio (1-8):(2-7) 1.03 ? 7% 100khz/ 0.1v turns ratio (1-8):(8-2) 1.04 ? 7% 100khz/ 0.1v turns ratio (1-8):(3-5) 2.77 ? 7% 100khz/ 0.1v turns ratio (1-8):(5-4) 2.75 ? 7% 100khz/ 0.1v ?? recommendation reflow condition 300 0 0 100 150 200 250 300 50 t( ?? ) t(s) 60 120 180 240 170 ? 10 ?? ? 60 ~ 120s 40s 230 ?? 245 ?? peak 300 60 120 180 240 0 0 100 150 200 250 300 50 10 t( ??) t( s ) 60 260?? 230?? heat endurance test temperature chart 300 0 0 100 150 200 250 300 50 t( ?? ) t(s) 60 120 180 240 300 0 0 100 150 200 250 300 50 t( ?? ) t(s) 60 120 180 240 170 ? 10 ?? ? 60 ~ 120s 40s 230 ?? 245 ?? peak 300 60 120 180 240 0 0 100 150 200 250 300 50 10 t( ??) t( s ) 60 260?? 230?? heat endurance test temperature chart
general power transformer < smd type: cepc series> type: CEPC105 (c8211) please refer to the sales offices on our website for a representative near you www.sumida.com 3/3 ?? packaging with embossed tape and reel qty.: 500pcs/reel leading edge bar code label sprocket holes s p rocket holes bar code label leadin g ed g e 7.5 ?} 0.1 1.75 ?} 0.1 2.0 ?} 0.1 +0.1 -0 4.0 ?} 0.1 16.0 ?} 0.2 ( 6.75 ) 12.0 ?} 0.1 1.5 2.6 ?} 0.1 8.4 ?} 0.1 24.0 11.5 ? 0.1 (10.75) 16.0 ? 0.1 11.1 6.75 ? 0.1


▲Up To Search▲   

 
Price & Availability of CEPC105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X